Part Number Hot Search : 
A11JVAA PV150 2195QA BR1510L BD335 BGF106 AN204 02229
Product Description
Full Text Search
 

To Download CTA51AS3024VDC16E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CIT RELAYTM
FEATURES: * Switching capacity up to 40A @ 14VDC * Small size and light weight * PCB pin mounting available * Suitable for automobile and lamp accessories * Two footprint styles available
CTA5
24.0x19.0x20.0mm
CONTACT DATA
Contact Arrangement Contact Rating Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 1A: 40A @ 14VDC 1B: 30A @ 14VDC, 20A @ 120VAC, 15A @ 28VDC 1C: 30A @ 14VDC, 20A @ 120VAC, 15A @ 28VDC < 50 milliohms initial AgCdO 360W 75VDC, 380VAC 40A
COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
Rated
Max.
6 9 12 18 24
7.8 11.7 15.6 23.4 31.2
1.6W 22.5 50.6 90.0 202.5 360.0
1.9W 19.0 42.6 75.8 170.5 303.2
4.2 6.3 8.4 12.6 16.8
0.6 0.9 1.2 1.8 2.4
1.6 or 1.9
5
3
CAUTION: 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. 2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min @ 500VDC 750V rms min. @ sea level 500V rms min. @ sea level 200m/s2 for 11ms 1.27mm double amplitude 10-40Hz 10N -40 C to + 85 C -40 C to + 155 C 230 C 2 C for 10 0.5s 19g open. 21g covered
CIT RELAY Website: www.citrelay.com
Tel: 763-535-2339
Fax: 763-535-2194
CIT RELAYTM
ORDERING INFORMATION
1. Series: CTA5 2.Contact Arrangement: 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 3. Sealing Options: O = Open Frame S = Sealed C = Dust Cover 4. Contact Ratings: 15 = 15A 30 = 30A 40 = 40A 5. Coil Voltage: 6VDC 9VDC 12VDC 18VDC 24VDC 6. Coil Power: 1.6 = 1.6W 1.9 = 1.9W 7. PCB Layout: S = Standard E = European
CTA5
CTA5 1A C 40 12VDC 1.6 S
DIMENSIONS: (Units = mm)
PCB Layout
Standard
European
Schematic
CIT RELAY Website: www.citrelay.com
Tel: 763-535-2339
Fax: 763-535-2194


▲Up To Search▲   

 
Price & Availability of CTA51AS3024VDC16E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X